Part Number Hot Search : 
RF6514 0E3350JL DL03D SX1212 JAN2N MBT440 HPR105W XXNC3
Product Description
Full Text Search
 

To Download 1S101A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sod-80 glass case 30ma surface mount schottky barrier diode 1 of 2 features    features  mechanical data a c b dim min max a 3.30 3.70 b 1.30 1.60 c 0.28 0.50 all dimensions in mm @ t a = 25  c unless otherwise specified maximum ratings and electrical characteristics  sod-80   case:    component in accordance to rohs 2002/95/ec lead (pb)-free component low forward voltage drop low leakage current low capacitance integrated protection ring against static discharge and weee 2002/96/ec weight: approx. 34 mg cathode band color: black packaging codes/options: gs18 / 10 k per 13" reel (8 mm tape), 10 k/box gs08 / 2.5 k per 7" reel (8 mm tape), 12.5 k/box parameter test condition part symbol value unit reverse voltage ls101a v r 60 v ls101b v r 50 v ls101c v r 40 v peak forward surge current t p = 10 s i fsm 2a repetitive peak forward current i frm 150 ma forward continuous current i f 30 ma parameter test condition part symbol min ty p. max unit reverse breakdown voltage i r = 10 a ls101a v (br)r 60 v ls101b v (br)r 50 v ls101c v (br)r 40 v leakage current v r = 50 v ls101a i r 200 na v r = 40 v ls101b i r 200 na v r = 30 v ls101c i r 200 na forward voltage drop i f = 1 ma ls101a v f 410 mv ls101b v f 400 mv ls101c v f 390 mv i f = 15 ma ls101a v f 1000 mv ls101b v f 950 mv ls101c v f 900 mv diode capacitance v r = 0 v, f = 1 mhz ls101a c d 2.0 pf ls101b c d 2.1 pf ls101c c d 2.2 pf 1S101A-ls101c
2 of 2 figure 1. reverse current vs. reverse voltage i r = re v erse c u rrent ( a) 0.01 0.1 1 10 100 0 101520253035404550 v r - re v erse v oltage ( v ) 16204 t j = 125 c t j = 100 c t j = 75 c t j = 50 c t j = 25 c 5 figure 2. diode capacitance vs. reverse voltage 0.0 0.2 0.4 0.6 0. 8 1.0 1.2 1.4 1.6 1. 8 2.0 0 101520253035404550 v r - re v erse v oltage ( v ) 16205 c d - diode capacitance (pf) t j = 25 c 5 figure 3. forward current vs. forward voltage 0.01 0.10 1.00 10.00 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0. 8 0.9 1.0 i f = for w ard c u rrent (ma) v f - for w ard v oltage ( v ) 16206


▲Up To Search▲   

 
Price & Availability of 1S101A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X